Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 23 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 23 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 23Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 24Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 25Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 26Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 27Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
Dimension of viewing angle range.
Normal
Y
E
φ
θ
φ = 0°, Right
φ = 180°, Left
φ = 270°, Down
φ = 90°, Up
FIG.10 Viewing angle
Ver. 1.0
Dec. 16. 2013
22 / 31
b
r
L
aV
L
+
=
)
log(
)
log(
)
log(
a
V
r
L
L
b
+
=
−
Here the Parameter α and γ relate the signal level V to the luminance L.
The GAMMA we calculate from the log-log representation (FIG.11)
FIG.11 Sample Luminance vs. gray scale
(using a 256 bit gray scale)
FIG.12 Sample Log-log plot of luminance
vs. gray scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com