Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 25 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 25 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 23Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 24Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 25Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 26Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 27Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 28Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 29Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
5. Mechanical Characteristics
The contents provide general mechanical characteristics. In addition the figures in the next page are detailed
mechanical drawing of the LCD.
Notes : Please refer to a mechanic drawing in terms of tolerance at the next page.
Outline Dimension
Horizontal
368.0mm
Vertical
306.0mm
Depth
14.3mm
Bezel Area
Horizontal
341.5mm
Vertical
274.6mm
Active Display Area
Horizontal
337.92mm
Vertical
270.336mm
Weight(approximate)
1260g (typ.) , 1310g (max.)
Surface Treatment
Hard coating(3H)
Anti-Glare treatment of the front polarizer
Ver. 1.0
Dec. 16. 2013
24 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com