Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
3. Electrical Specifications
3-1. Electrical Characteristics
Table 2-1. LCD Module ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
MODULE :
Power Supply Input Voltage
VLCD
4.5
5.0
5.5
Vdc
Power Supply Input Current
ILCD
-
550
715
mA
1
-
800
1040
mA
2
Power Consumption
Pc TYP
-
2.75
3.58
Watt
1
Pc MAX
-
4.0
5.2
Watt
2
Differential Impedance
Zm
90
100
110
Ohm
Rush current
IRUSH
-
-
3.0
A
3
It requires two power inputs. One is employed to power the LCD electronics and to drive the TFT array and
liquid crystal. The second input power for the LED/Backlight, is typically generated by a LED Driver.
The LED Driver is an internal unit to the LCDs.
Ver. 1.0
Dec. 16. 2013
6 / 31
Rush current
IRUSH
-
-
3.0
A
3
BACKLIGHT(With LED Driver):
LED Power Supply Voltage
VBL
11.5
12
12.5
V
LED Power Supply Current
IBL
-
1050
1155
mA
LED Power Consumption
PBL
-
12.6
13.86
Watt
PWM Duty Ratio
10
100
%
PWM Dimming Frequency
FPWM
9
10
11
KHz
PWM Duty High Voltage
VH
3.0
3.3
3.6
Vdc
PWM Duty Low Voltage
VL
0.0
0.3
Vdc
Backlight Enable Voltage
VON
-
3.3
-
Vdc
Backlight Disable Voltage
VOFF
-
0
-
Vdc
Life Time
LED_LT
50,000
-
-
Hrs
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com