Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NRF24AP2-USBQ32-R7 Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
All rights reserved. ANTTM is a trademark of Dynastream Innovation Inc.
Reproduction in whole or in part is prohibited without the prior written permission of the copyright holder.
April 2010
nRF24AP2
nRF24AP2-USB
Single-chip ANTTM ultra-low power
wireless network solution
Product Specification v1.0
Key Features
•
Second generation single chip ANT solution
•
Bridge from ANT networks and devices to
computers, Macs, and the internet
•
nRF24AP2- USB supports up to eight ANT
(logic) channels – ideal for hubs
•
World wide 2.4 GHz ISM band operation
•
USB v2.0 interface
•
Fully embedded, enhanced ANT protocol stack
•
Built-in device search and pairing
•
Built-in timing and power management
•
Built-in interference handling
•
Configurable channel period 5.2 ms - 2 s
•
Broadcast, Acknowledged and Burst
communication modes
•
Burst data rate up to 20 kbps
•
Simple to complex network topologies:
Peer-to-peer, star, tree and practical mesh
•
Supports public, private and managed networks
•
Support for ANT+ device profile
implementations enabling multivendor
interoperability
•
Fully interoperable with nRF24AP1,
Dynastream ANT chipset / module based prod-
ucts and other nRF24AP2 variants
•
RoHS compliant 5x5 mm 32-pin QFN package
•
Low cost external 16 MHz crystal
Applications
•Sports
•
Wellness
•
Home health monitoring
•
Home/industrial automation
•
Environmental sensor networks
•
Active RFID
•
Logistics/goods tracking
•
Audience-response systems


Similar Part No. - NRF24AP2-USBQ32-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF24 ETC-NRF24 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401-EVKIT ETC-NRF2401-EVKIT Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
NRF2401A-EVKIT ETC1-NRF2401A-EVKIT Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
More results

Similar Description - NRF24AP2-USBQ32-R7

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308MP WURTH-760308MP Datasheet
415Kb / 2P
Wireless Power Medium Power Solution
logo
NXP Semiconductors
QN908X NXP-QN908X Datasheet
6Mb / 80P
Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.2-19 April 2018
logo
Shenzhen Tianyuan Semic...
TP4221A TPOWER-TP4221A Datasheet
705Kb / 8P
Mobile power single chip solution
logo
Shenzhen Huazhimei Semi...
HM5808 HMSEMI-HM5808 Datasheet
668Kb / 7P
Mobile power single chip solution
HM5809 HMSEMI-HM5809 Datasheet
641Kb / 7P
Mobile power single chip solution
logo
NXP Semiconductors
QN902X NXP-QN902X Datasheet
693Kb / 44P
Ultra low power Bluetooth LE system-on-chip solution
Rev. 2.7-21 November 2018
logo
List of Unclassifed Man...
NRF8001 ETC1-NRF8001 Datasheet
1Mb / 161P
Single-chip Bluetooth짰 low energy solution
NRF24LE1 ETC1-NRF24LE1 Datasheet
754Kb / 2P
Single chip ultra low power wireless Ultra low power wireless system-on-chip solution
logo
Shenzhen Huazhimei Semi...
HM5922 HMSEMI-HM5922 Datasheet
592Kb / 8P
Mobile power single chip solution
logo
NXP Semiconductors
QN908X NXP-QN908X_V01 Datasheet
4Mb / 81P
Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.3-6 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com