Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Revision 1.0
Page 31 of 44
nRF24AP2-USB Product Specification
C1 and C2 are ceramic SMD capacitors connected between each crystal terminal and VSS. CPCB1 and
CPCB2 are stray capacitances on the PCB. CPIN is the input capacitance on the XC1 and XC2 pins of
nRF24AP2 (typically 1pF). C1 and C2 should be of the same value, or as close as possible.
To ensure a functional radio link the frequency accuracy must be
± 50 ppm or better. The initial tolerance of
the crystal, drift over temperature, aging and frequency pulling due to incorrect load capacitance must all
be taken into account. For reliable operation the crystal load capacitance, shunt capacitance, equivalent
series resistance (ESR) and drive level must comply with the specifications in Table 17. on page 34. It is
recommended to use a crystal with lower than maximum ESR if the load capacitance and/or shunt capaci-
tance is high. This will give faster start-up and lower current consumption.
6.3.2
External 16 MHz clock
nRF24AP2 may be used with an external 16 MHz clock applied to the XC1 pin. The input signal must be
analog, coming from the crystal oscillator of a microcontroller, for example. An input amplitude of 0.8V
peak-to-peak or higher is recommended to achieve low current consumption and a good signal-to-noise
ratio. The DC level is not important as long as the applied signal never rises above VDD or drops below
VSS. The XC1 pin will load the microcontroller’s crystal with approximately 1pF in addition to PCB routing.
XC2 shall not be connected.
Note: A frequency accuracy of
±50 ppm or better is required to get device performance as outlined
in chapter 8 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com