Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 21Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Revision 1.0
Page 18 of 44
nRF24AP2-USB Product Specification
4.2.5
Continuous scanning mode
Continuous scanning mode allows for fully asynchronous communication between an ANT node using
continuous scanning mode, and any other ANT node using a standard master channel. This has two main
advantages over only using standard ANT channels. The first is that the latency to initiate communication
with the scanning node is reduced to zero and every message sent by a master channel in proximity will be
received by the scanning device. Secondly, the requirement to maintain communication for the purpose of
synchronization while in proximity is removed. This means that it is possible for nodes to come and go very
quickly or to turn off for long periods of time in between communication events. This saves power on the
transmitting node.
The disadvantage of continuous scanning mode is that it consumes much more power than standard ANT
channels. Therefore, continuous scanning mode will typically be used only on devices that are plugged in
and not mobile such as a computer (USB dongle). Another disadvantage is that a node in scanning mode
can no longer be configured to have discoverable master channels because scanning mode disables stan-
dard ANT channel functionality. It is worth noting that two ANT nodes in scanning mode cannot communi-
cate with one another because neither will be able to spontaneously generate communication.
Standard ANT channels are recommended over scanning channels, even in dynamic systems where
devices are coming and going. This is because scanning channels are not recommended for a mobile
network, which is the primary use case for ANT. Scanning channels will typically be used in statically
located networks where the scanning channel node is plugged in and not mobile.
4.2.6
ANT network topologies
By combining ANT channels with different features depending on local needs, you can build anything from
very simple peer-to-peer links and star networks to complex networks as shown in Figure 10. on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com