Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 39Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 40Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Revision 1.0
Page 37 of 44
nRF24AP2-USB Product Specification
9
Absolute maximum ratings
Maximum ratings are the extreme limits to which nRF24AP2 can be exposed without permanently
damaging it. Exposure to absolute maximum ratings for prolonged periods of time may affect device reli-
ability.
Note: For operating conditions see Table 15. on page 32.
Table 23. Absolute maximum ratings
Note: Stress exceeding one or more of the limiting values may cause permanent damage to the
device.
Attention!
Operating conditions
Minimum
Maximum
Units
Supply voltages
VBUS
-0.3
+5.75
V
VSS
0V
VDD
-0.3
+3.6
V
Input voltage
VI
-0.3
+3.6
V
Temperatures
Operating Temperature
-40
+85
°C
Storage Temperaturea
a. The device can withstand up to 125°C for short periods without damage. Recommended
long-time storage temperature <65°C.
-40
+85
°C
Observe precaution for handling
Electrostatic Sensitive Device.
HBM (Human Body Model): Class 1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com