Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Revision 1.0
Page 28 of 44
nRF24AP2-USB Product Specification
yet ready. Finally, when the DATA is received successfully by the host it will send an ACK handshake
packet.
Figure 18. Status stage
For a control read transfer the status stage is used by the host to acknowledge that it has received the data
successfully. The status stage will start with an OUT token packet followed by a DATA packet of zero
length. The nRF24AP2-USB will reply with an ACK handshake packet if it received the status packets
successfully. A STALL will be returned if an error occurred at any point during the processing of the trans-
fer. A NAK will be returned if the nRF24AP2-USB is busy and requires the host to repeat the status stage.
5.3.7
Host Command flow
All other communication between the host and nRF24AP2 USB will be handled through USB drivers and
libraries available from ANT. These USB libraries interact with the device through two bulk endpoints
(EP1IN and EP1OUT). The use of the host interface is documented in ANT Message Protocol and Usage
which is available as a PDF file from www.nordicsemi.com and www.thisisant.com. The serial messages
detailed in that document are passed between the host and the nRF24AP2-USB inside the data packet
portion of USB bulk transfers.
Table 14. Driver/application USB parameters for communication with nRF24 AP2-USB
5.3.7.1
Bulk transfers
Bulk transfers will be used to transport the serial messages specified by the ANT command interface. The
nRF24AP2-USB supports a maximum bulk data packet size of 64 bytes.
Figure 19. Bulk IN transfer
USB parameters
Value
VID (Vendor Identification)
0x0FCF
PID (Product Identification)
0x1008
IN endpoint address
0x81
OUT endpoint address
0x01
ACK
OUT
DATA0
(0 Bytes)
STALL
(error)
NAK
(not ready)
DATA
IN
ACK
STALL
(error)
NAK
(not ready)
nRF24AP2-USB
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com