Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 39Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 40Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 41Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 42Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 43Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Revision 1.0
Page 42 of 44
nRF24AP2-USB Product Specification
11.4
Bill Of Materials (BOM)
Table 25. Bill Of Materials
Designator
Value
Footprint
Comment
C1
15pF
0402
NP0 ±2%
C2
15pF
0402
NP0 ±2%
C3
2.2nF
0402
X7R ±10%
C4
Not mounted
0402
C5
1.2pF
0402
NP0 ±0.1pF
C6
1.0pF
0402
NP0 ±0.1pF
C7
33nF
0402
X7R ±10%
C8
33nF
0402
X7R ±10%
C9
33nF
0402
X7R ±10%
C10
33nF
0402
X7R ±10%
C11
33nF
0402
X7R ±10%
C12
1uF
0805
X7R ±10%
L1
6.8nH
0402
High frequency chip inductor
±5%
L2
6.8nH
0402
High frequency chip inductor
±5%
L3
4.7nH
0402
High frequency chip inductor
±5%
R2
22kΩ
0402
±1%
R3
22Ω
0402
±1%
R4
22Ω
0402
±1%
R6
10Ω
0402
±5%
U1
nRF24AP2-USB
QFN32
nRF24AP2-USB
X1
16 MHz
3.2 x 2.5 mm
SMD-3225, 16 MHz,
CL=9pF, ±50 ppm
PCB
substrate
FR4 laminate
16.9 x 15.4 mm
2 layer, thickness 1.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com