Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 21Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 22Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Revision 1.0
Page 20 of 44
nRF24AP2-USB Product Specification
Table 4. ANT message summary supported by nRF24AP2
Class
Type
Commands in ANT command library Reply
From
Config.
messages
Unassign Channel
ANT_UnassignChannel()
Yes
Host
Assign Channel
ANT_AssignChannel()
Yes
Host
Channel ID
ANT_SetChannelId()
Yes
Host
Channel Period
ANT_SetChannelPeriod()
Yes
Host
Search Timeout
ANT_SetChannelSearchTimeout()
Yes
Host
Channel RF Fre-
quency
ANT_SetChannelRFFreq()
Yes
Host
Set Network
ANT_SetNetworkKey()
Yes
Host
Transmit Power
ANT_SetTransmitPower()
Yes
Host
ID List Add
ANT_AddChannelID()
Yes
Host
ID List Config
ANT_ConfigList()
Yes
Host
Channel Transmit
Power
ANT_SetChannelTxPower()
Yes
Host
Low Priority Search
Timeout
ANT_SetLowPriorityChannelSearchTi
meout()
Yes
Host
Enable Ext RX Mesgs ANT_RxExtMesgsEnable()
Yes
Host
Frequency Agility
ANT_ConfigFrequencyAgility()
Yes
Host
Proximity Search
ANT_SetProximitySearch()
Yes
Host
Notifications Startup Message
→ ResponseFunc( -, 0x6F)
-
ANT
Control
Messages
SystemReset
ANT_ResetSystem()
No
Host
Open Channel
ANT_OpenChannel()
Yes
Host
Close Channel
ANT_CloseChannel()
Yes
Host
Open Rx Scan Mode ANT_OpenRxScanMode(
Yes
Host
Request Message
ANT_RequestMessage()
Yes
Host
Data
Messages
Broadcast Data
ANT_SendBroadcastData()
→ ChannelEventFunc(Chan,EV)
No
Host/
ANT
Acknowledge Data
ANT_SendAcknowledgedData()
→ ChannelEventFunc(Chan, EV)
No
Host/
ANT
Burst Transfer Data
ANT_SendBurstTransferPacket()
→ ChannelEventFunc(Chan, EV)
No
Host/
ANT
Channel Event
Messages
Channel Response/
Event
→ ChannelEventFunc(Chan,
MessageCode) or
→ ResponseFunc(Chan, MsgID)
-ANT
Requested
Response
Messages
Channel Status
→ ResponseFunc(Chan, 0x52)
-
ANT
Channel ID
→ ResponseFunc(Chan, 0x51)
-
ANT
ANT Version
→ ResponseFunc(Chan, 0x51)
-
ANT
Capabilities
→ ResponseFunc(-, 0x3E)
-
ANT
Test Mode
CW Init
ANT InitCWTestMode()
Yes
Host
CW Test
ANT SetCWTestMode()
Yes
Host
Ext Data
messages
Extended Broadcast
Data
ANT SendExtBroadcastData()a
→ ChannelEventFunc(Chan, EV)
No
Host
Extended Ack. Data
ANT SendExtAcknowledgedData()a
→ ChannelEventFunc(Chan, EV)
No
Host
Extended Burst Data
ANT SendExtBurstTransferPacket()a
→ ChannelEventFunc(Chan, EV)
No
Host
a. nRF24AP2 does not send these ChannelEventFunctions() to the host. nRF24AP2 will send
extended messages by appending the additional bytes to standard broadcast, acknowledged and
burst data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com