Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Revision 1.0
Page 12 of 44
nRF24AP2-USB Product Specification
3
RF transceiver
All transceiver operations are controlled solely by the ANT protocol stack. Configuration of the ANT proto-
col stack occurs through a serial interface by issuing ANT commands to nRF24AP2-USB.
3.1
Features
Features of the RF transceiver include:
•
General
Worldwide 2.4 GHz ISM band operation
Common antenna interface in transmit and receive
GFSK modulation
1 Mbps on air data rate
•
Transmitter
Programmable output power: 0, -6, -12 or -18 dBm
•
Receiver
Integrated channel filters
-85 dBm sensitivity
•
RF Synthesizer
Fully integrated synthesizer
1 MHz frequency programming resolution
78 RF channels in the 2.4 GHz ISM band
Accepts low cost ± 50 ppm 16 MHz crystal
1 MHz non-overlapping channel spacing
3.2
Block diagram
Figure 4. on page 12 shows a block diagram of the RF transceiver in nRF24AP2-USB.
Figure 4. Internal circuitry of RF transceiver relative to ANT
RF receiver
ANT1
ANT2
ANT protocol stack
GFSK
modulator
PA
LNA
TX
filter
RX
filter
RF synthesizer
RF transmitter
GFSK
demodulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com