Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Revision 1.0
Page 35 of 44
nRF24AP2-USB Product Specification
Table 19. Serial timing
8.2
DC Electrical characteristics
Table 20. DC characteristics
Table 21.Digital inputs/outputs
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
tSuspend Idle to suspend time
3.25
ms
tReset
Power on reset time, software reset,
and reset pin
2.0
ms
tResponse-
Max
The time the nRF24AP2-USB uses to
respond to an input command
1.0
ms
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
On-chip voltage regulators
VDD
Output voltage
a
a. Also valid for VDD input voltage
3.05
3.27
3.5
V
IVDD
External load current
2
mA
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
VIH
Input high voltage
0.7
⋅VDD
VDD
V
VIL
Input low voltage
VSS
0.3·VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com