Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 39Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 40Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 41Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 42Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Revision 1.0
Page 39 of 44
nRF24AP2-USB Product Specification
11
Reference circuitry
To ensure optimal performance it is essential that you follow the schematics- and layout references
closely. Especially in the case of the antenna matching circuitry (components between device pins ANT1,
ANT2, VDD_PA and the antenna), any changes in the layout can change the behavior, resulting in
degradation of RF performance or a need to change component values. All the reference circuits are
designed for use with a 50Ω single end antenna.
11.1
PCB guidelines
A well designed PCB is necessary to achieve good RF performance. A poor layout can lead to loss in
performance or functionality. A fully qualified RF-layout for the nRF24AP2 and its surrounding compo-
nents, including matching networks, can be downloaded from www.nordicsemi.com.
A PCB with a minimum of two layers including a ground plane is recommended for optimal performance.
The nRF24AP2 DC supply voltage should be decoupled as close as possible to the VDD pins with high
performance RF capacitors. See the schematics in section 11.2 on page 40 for recommended decoupling
capacitor values. The nRF24AP2 supply voltage should be filtered and routed separately from the supply
voltages of any digital circuitry.
Long power supply lines on the PCB should be avoided. All device grounds, VDD connections and VDD
bypass capacitors must be connected as close as possible to the nRF24AP2 IC. For a PCB with a topside
RF ground plane, the VSS pins should be connected directly to the ground plane. For a PCB with a bottom
ground plane, the best technique is to have Via holes as close as possible to the VSS pads. A minimum of
one Via hole should be used for each VSS pin.
Full-swing digital data or control signals should not be routed close to the crystal or the power supply lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com