Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 39Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Revision 1.0
Page 36 of 44
nRF24AP2-USB Product Specification
8.3
Current consumption
The power nRF24AP2 consumes depends on the configuration of nRF24AP2.
Note: The nRF24AP2-USB is not intended for battery power application. Use the nRF24AP2-1CH
or nRF24AP2-8CH for ultra low power applications.
Table 22. shows peak- and base current consumption for typical applications.
Conditions: TA = +25ºC
Table 22. Peak- and base current consumption for nRF24AP2
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
IIdle
No active channels—no
communications
9.3
mA
ISuspend
Suspend control activated
500
µA
IPeakRX
Peak RX Current
a
a. Time of Maximum Current consumption in RX is typical 500 µs and maximum 1 ms.
22
mA
IPeakTX
Peak TX Current at 0 dBm
b
b. Time of maximum TX Only Current is typical 300 µs and maximum 350 µs.
20
mA
IPeakTX-6
Peak TX Current at -6 dBm
b
18
mA
IPeakTX-12
Peak TX Current at -12 dBm
b
17
mA
IPeakTX-18
Peak TX Current at -18 dBm
b
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com