Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 39Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 40Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 41Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Revision 1.0
Page 38 of 44
nRF24AP2-USB Product Specification
10
Mechanical specification
nRF24AP2-USB is packaged in the following QFN-package:
•
QFN32 5 x 5 x 0.85 mm, 0.5 mm pitch.
Figure 24. QFN32 pin 5x5mm
Table 24. QFN32 dimensions in mm
Package
A
A1
A3
b
D, E D2, E2
e
K
L
QFN32
0.80
0.85
0.90
0.00
0.02
0.05
0.20
0.18
0.23
0.30
4.9
5.0
5.1
3.20
3.30
3.40
0.5
0.20 0.35
0.40
0.45
Min
Typ
Max
D
A
D2
E2
E
A1
A3
SIDE VIEW
TOP VIEW
1
2
32 31
b
L
2
1
e
K
32
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com