Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R7 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R7
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Revision 1.0
Page 30 of 44
nRF24AP2-USB Product Specification
6
On-chip oscillator
In order to provide the necessary clocks for the ANT protocol stack, nRF24AP2 contains one high
frequency oscillator used by the RF transceiver. The high frequency clock source must be a 16 MHz crystal
oscillator.
6.1
Features
•
Low-power, amplitude regulated 16 MHz crystal oscillator
6.2
Block diagram
Figure 23. Block diagram of 16 MHz crystal oscillator
6.3
Functional description
6.3.1
16 MHz crystal oscillator
The 16 MHz crystal oscillator is designed to be used with an AT-cut quartz crystal in parallel resonant
mode. To achieve correct oscillation frequency it is very important that the load capacitance matches the
specification in the crystal datasheet. The load capacitance is the total capacitance from the perspective of
the crystal across its terminals:
Amplitude
regulator
XC1
XC2
C1
C2
Crystal
PIN
PCB
PIN
PCB
LOAD
C
C
C
C
C
C
C
C
C
C
C
C
C
+
+
=
+
+
=
+
⋅
=
2
2
'
2
1
1
'
1
'
2
'
1
'
2
'
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com