Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 27 of 32
APPLICATIONS INFORMATION
SWITCHABLE RF ATTENUATOR
RF attenuator networks are commonly used in RF instrumentation
equipment, such as vector network analyzers, spectrum analyzers,
and signal generators. Routing RF signals through an attenuator
can enable the equipment to accept higher power signals and,
therefore, increase the dynamic range of the instrument. In
RF attenuation applications like the vector network analyzers,
spectrum analyzers, and signal generators, maintaining the
bandwidth of the signal after the signal passes through the
network is critical. Any degradation of the signal reduces the
performance of the equipment. Therefore, the RF characteristics
of the switches used for routing are an integral part of the quality
of an attenuator network.
The ADGM1004 MEMS switch with low flat insertion loss, wide
RF bandwidth, and high reliability is suited for use as a switchable
RF attenuator. The ADGM1004, as an SP4T switch, also brings
added flexibility. Figure 50 shows an example attenuation
network configuration using two ADGM1004 switches and
three different attenuators. The fourth channel of the switches is
used as a nonattenuated route in Figure 50.
15dB
10dB
I/O
ADGM1004
5dB
I/O
ADGM1004
Figure 50. Switching RF Attenuators Using Two ADGM1004 MEMS Switches
RECONFIGURABLE RF FILTER
A reconfigurable RF filter is advantageous in many RF front-
end applications. A reconfigurable RF filter provides more saved
space. As space becomes more constrained in applications, the
option to have an economical reconfigurable RF filter instead of
individual frequency dependent filters is preferred.
The ADGM1004 low flat insertion loss, wide RF bandwidth,
low parasitic, low capacitance, and high linearity are required to
turn on the lump components (capacitor and inductor), which
make the MEMS switch suited for reconfigurable filter application.
In applications such as wireless communications or mobile radios,
the number of bands and/or modes constantly increases. A
reconfigurable RF filter allows more bands and/or modes to be
covered using the same components.
Figure 51 shows an example of a reconfigurable band-pass filter.
The topology shown is of a generalized, two section, inductively
coupled, single-ended band-pass filter, nominally centered on a
400 MHz ultrahigh frequency (UHF) band. The MEMS switches
are positioned in series with each shunt inductor.
The function of the switches includes or omits a shunt inductor
from the circuit. Changing the shunt inductor value affects the
bandwidth and center frequency of the filter. Using inductance
values from 15 nH to 30 nH significantly alters the bandwidth
and center frequency, allowing the filter to dynamically configure
to operate in the UHF bands or very high frequency (VHF)
bands while preserving the 50 Ω match on the input and output
ports. The low RON value and wide bandwidth of the MEMS
switch makes the switch an ideal choice for this application. The
low RON reduces the negative effect a series resistance has on the
quality factor of the shunt inductor. The large bandwidth enables
higher frequency band-pass filters.
INPUT
OUTPUT
GND
18nH
22nH
50Ω
13pF
13pF
30nH
24nH
15nH
50Ω
24nH
15nH
18nH
30nH
Figure 51. Reconfigurable Band-Pass Filter Achieved Using Two ADGM1004 MEMS Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com