Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADGM1004JCPZ-R2 Datasheet HTML 1Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 5 of 32
SPECIFICATIONS
Supply voltage (VDD) = 3.0 V to 3.6 V, GND = 0 V, and all specifications at TA = 25°C, unless otherwise noted. Typical specifications tested
at TA = 25°C with VDD = 3.3 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments1
ON-RESISTANCE PROPERTIES
See Figure 6 to Figure 13 for more details
Initial On-Resistance
Properties
On Resistance
RON
2.9
Ω
Drain source current (IDS) = 50 mA, 0 V input bias,
at 1 ms after first actuation, maximum
specification from 0°C to 85°C
On-Resistance Match
Between Channels
ΔRON CH_CH
1
Ω
Maximum value tested from 0°C to 85°C
On-Resistance Drift
Over Time2
ΔRON TIME
−0.25
Ω
RON changed from 1 ms to 100 ms after first
actuation, maximum value tested from 0°C to 85°C
Over Actuations3
ΔRON
0.5
Ω
109 actuations, switch is actuated at 25°C and
RON is measured at 25°C
5
Ω
109 actuations, switch is actuated at 85°C and RON is
measured at 25°C, 1 kHz actuating frequency,
220 mA load applied between toggles4
RELIABILITY PROPERTIES
Continuously On Lifetime
7.2
Years
Median time before failure at 50°C5, see Figure 60
for more details
Actuation Lifetime
Cold Switched
109
Actuations
Load between toggling is 220 mA, tested at 85°C
Hot Switched
RF power = continuous wave (CW), terminated
into 50 Ω, see Figure 14 for details
10 dBm
5.16 ×
109
Actuations
50% of test population failure point (T50)
15 dBm
3.21 ×
106
Actuations
50% of test population failure point (T50)
20 dBm
390 ×
103
Actuations
50% of test population failure point (T50)
DYNAMIC CHARACTERISTICS
Operating Frequency
0/dc
13
GHz
−3 dB Bandwidth
BW
RF1, RF4
9.5
10.8
GHz
RF1 to RFC and RF4 to RFC channels
RF2, RF3
11.5
13
GHz
RF2 to RFC and RF3 to RFC channels
Insertion Loss
IL
0.45
0.6
dB
At 2.5 GHz, RFC to RFx
0.63
0.95
dB
At 6.0 GHz, RFC to RFx
Isolation
RFx to RFC
22
24
dB
At 2.5 GHz, RFx to RFC (all channels off )
16
19
dB
At 6.0 GHz, RFx to RFC (all channels off )
RF1 to RFC
27
At 6 GHz, RF2 to RFC is on, RF1 to RFC is off
RF2 to RFC
26
At 6 GHz, RF1 to RFC is on, RF2 to RFC is off
Crosstalk
27
30
dB
At 2.5 GHz, RFx to RFx
22
24
dB
At 6.0 GHz, RFx to RFx
Return Loss
RL
14
17
dB
DC to 6.0 GHz
Third-Order Intermodulation
Intercept
IP3
67
dBm
Input: 900 MHz and 901 MHz, input power =
27 dBm
Second-Order Intermodulation
Intercept
IP2
95
dBm
Input: 900 MHz and 901 MHz, input power =
27 dBm
Second Harmonic Distortion
HD2
−90
dBc
Input: 5.4 MHz, input power = 0 dBm
−74
dBc
Input: 150 MHz and 800 MHz, input power =
27 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com