Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 17 of 32
TEST CIRCUITS
The test circuits shown in Figure 32 to Figure 43 are applicable to all channels. Additional pins are omitted for clarity and VS is the source voltage.
VS
50Ω
VOUT
RL
50Ω
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
GND
GND
NETWORK
ANALYZER
Figure 32. Insertion Loss and Return Loss
VS
NETWORK
ANALYZER
50Ω
VOUT
RL
50Ω
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
RF4
VIN4
IN4
VIN3
IN3
50Ω
GND
GND
Figure 33. Isolation (All Switches Off)
VS
NETWORK
ANALYZER
50Ω
VOUT
RL
50Ω
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
RF4
VIN4
IN4
VIN3
IN3
50Ω
GND
GND
Figure 34. Isolation (RF2 to RFC On, RF1 to RFC Off)
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
VS
NETWORK
ANALYZER
50Ω
VOUT
RL
50Ω
GND
GND
Figure 35. Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com