Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 16 of 32
–136
–134
–132
–130
–128
–126
–124
–122
–120
10.17
10.19
10.21
10.23
10.25
10.27
FREQUENCY (MHz)
TA = 25°C
VDD = 3.3V
Figure 30. Oscillator Feedthrough vs. Frequency, Zoomed in at 10.2 MHz
(VDD = 3.3 V)
–136
–134
–132
–130
–128
–126
–124
–122
–120
0
10
20
30405060
70
80
90
100
FREQUENCY (MHz)
NORMAL OPERATING MODE
INTERNAL OSCILLATOR DISABLED
TA = 25°C
VDD = 3.3V
Figure 31. Oscillator Feedthrough vs. Frequency, Wide Bandwidth
(VDD = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com