Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 7 of 32
TIMING CHARACTERISTICS
VDD = 3.0 V to 3.6 V, GND = 0 V, and all specifications TMIN to TMAX = 0°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Description
Limit at TMIN
Limit at TMAX
Unit
t1
SCLK period
100
ns
t2
SCLK high pulse width
45
ns
t3
SCLK low pulse width
45
ns
t4
CS falling edge to SCLK active edge
25
ns
t5
Data setup time
20
ns
t6
Data hold time
20
ns
t7
SCLK active edge to CS rising edge
25
ns
t8
CS falling edge to SDO data available
20
ns
t91
SCLK falling edge to SDO data available
40
ns
t10
CS rising edge to SDO returns to high impedance
25
ns
t11
CS high time between SPI commands
100
ns
t12
SCLK edge rejection to CS falling edge
25
ns
t13
CS rising edge to SCLK edge rejection
25
ns
1 Measured with a 20 pF load, t9 determines the maximum SCLK frequency when the SDO pin is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com