Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 6 of 32
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments1
Third Harmonic Distortion
HD3
−80
dBc
Input: 150 MHz and 800 MHz, input power =
27 dBm
Total Harmonic Distortion plus
Noise
THD + N
−102
dBc
Load resistance (RL) = 300 Ω, f = 1 kHz, RFx =
2.5 V p-p
RF Input Power
32
dBm
Switch in the on state and terminated into 50 Ω,
maximum specification tested at 25℃
DC Voltage Range
−6
+6
V
On switch dc voltage operation range, 0°C to
85°C
On Switching Time6
tON
0
75
μs
50% INx to 90% (0.05 dB of final IL value) RFx,
50 Ω termination, 0°C to 85°C
Off Switching Time6
tOFF
0
75
μs
50% INx to 10% (0.05 dB of final IL value) RFx,
50 Ω termination, 0°C to 85°C
Actuation Frequency
5
kHz
All switches toggled simultaneously, 0°C to 85°C
Power-Up Time
0.75
ms
CCP = 47 pF, 95% VDD to 90% RFx, 0°C to 85°C
Video Feedthrough
16
mV peak
1 MΩ termination at RFx pin
Internal Oscillator Frequency
8
10
12
MHz
0°C to 85°C
Internal Oscillator
Feedthrough7
−123
dBm
Spectrum analyzer resolution bandwidth (RBW) =
200 Hz, one switch in on state, all other switches
off with 50 Ω terminations8
−146
dBm/Hz
CAPACITANCE PROPERTIES
At 1 MHz, includes LFCSP package capacitance
On Switch Channel
Capacitance
CRF ON
3
pF
Off Switch Channel
Capacitance
CRF OFF
1.5
pF
LEAKAGE PROPERTIES
Maximum specification from 0°C to 85°C
On Leakage
5
nA
RFx (off channels) = −6 V, RFC to RFx (on
channel) = −6 V
Off Leakage
0.5
nA
RFx = 6 V, RFC = −6 V
DIGITAL INPUTS
Minimum and maximum over 0°C to 85°C
Input High Voltage
VINH
2
V
Input Low Voltage
VINL
0.8
V
Input Current
IINL, IINH
0.025
1
μA
Input voltage (VIN) = VINL or VINH
DIGITAL OUTPUTS
Minimum and maximum over 0°C to 85°C
Output Low Voltage
VOL
0.4
VMAX
Sink current (ISINK) = 1 mA
Output High Voltage
VOH
VDD −
0.4
VMIN
Source current (ISOURCE) = 1 mA
POWER REQUIREMENTS
Minimum and maximum over 0°C to 85°C
Supply Voltage
VDD
3.0
3.6
V
Supply Current
IDD
2.5
mA
Digital inputs = 0 V or VDD, SDO is floating in
SPI mode
Low Power Mode Current9
IDD EXT VCP
50
μA
This value is IDD in low power mode
External Drive Voltage10
VCPEXT
79.2
80
80.8
V
External Drive Current
ICP EXT VCP
20
μA
1 RFx is RF1, RF2, RF3, and RF4. INx is IN1, IN2, IN3, and IN4.
2 Maximum RON over time is RON (max) + ∆RON TIME (max) = 2.65 Ω.
3 Maximum RON after 1 billion actuations is RON (max) + ΔRON (max) = 7.9 Ω.
4 Actuating the switch at 85°C and measuring RON at 25°C is the most severe condition for ADGM1004 RON drift over actuations.
5 Failure occurs when 50% of a sample lot fails. For more details, see the Cumulative On Switch Lifetime section.
6 Switch is settled after 75 μs. Do not apply RF power between 0 μs and 75 μs.
7 Disable the internal oscillator to eliminate feedthrough. When the internal oscillator and charge pump circuitry is disabled, the VCP pin (Pin 24) must be driven with
80 V dc (VCPEXT) from an external voltage supply required for MEMS switch actuation, as outlined in Table 3.
8 The spectrum analyzer setup is as follows: RBW = 200 Hz, video bandwidth (VBW) = 2 Hz, span = 100 kHz, input attenuator = 0 dB, the detector type is peak, and the
maximum hold is off. The fundamental feedthrough noise or harmonic (whichever is higher) is tested.
9 For more details, see the Low Power Mode section.
10 For more details, see the Internal Oscillator Feedthrough Mitigation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com