Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +6 V
Digital Inputs1
−0.3 V to VDD + 0.3 V or
+30 mA (whichever occurs
first)
DC Voltage Rating2
±7 V
Standoff Voltage3
20 V
RFx to AGND
±10 V
RFC to AGND
±10 V
RFx to RFC
20 V
Current Rating2
250 mA
RF Power Rating4
33 dBm
Temperature
Operating Range
0°C to +85°C
Storage Range
−65°C to +150°C
Reflow Soldering (Pb-Free)
Peak
260 (+0/−5)°C
Time at Peak
10 sec to 30 sec
Electrostatic Discharge (ESD)
Human Body Model (HBM)
RF1 to RF4 and RFC
5 kV
All Other Pins
2.5 kV
Field Induced Charged Device
Model5
All Pins
1.25 kV
Group D
Mechanical Shock (with 0.5 ms
Pulse) 6
1500 g
Vibration (Acceleration at 50 g)
20 Hz to 2000 Hz
Constant Acceleration
30,000 g
1 Clamp overvoltages at INx by internal diodes. Limit the current to the
maximum ratings given.
2 This rating is with respect to the switch in the on position with no radio
frequency signal applied.
3 This rating is with respect to the switch in the off position.
4 This rating is with respect to the switch in the on position and terminated
into 50 Ω. The rating is 27 dBm when the switch is unterminated.
5 A safe automated handling and assembly process is achieved at this rating
level by implementing industry standard ESD controls.
6 If the device is dropped during handling, do not use the device.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-24-41
60
75
°C/W
1 A simulated θJA number is evaluated using the maximum junction
temperature in the package and the total power being dissipated in the
package under operating conditions. For thermal performance calculation
purposes at 25°C, a power dissipation of 113 mW per switch can be used.
This value is calculated from a typical RON of 1.8 Ω and an absolute maximum
current rating of 250 mA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com