Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADGM1004JCPZ-R2 Datasheet HTML 1Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD,
SP4T, MEMS Switch with Integrated Driver
Data Sheet
ADGM1004
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully operational down to 0 Hz/dc
On resistance: 2.9 Ω (maximum)
Off leakage: 0.5 nA (maximum)
−3 dB bandwidth
10.8 GHz (typical) for RF1, RF4
13 GHz (typical) for RF2, RF3
RF performance characteristics
Insertion loss: 0.45 dB (typical) at 2.5 GHz
Isolation: 24 dB (typical) at 2.5 GHz
IP3: 67 dBm (typical)
RF input power: 32 dBm (maximum)
Actuation lifetime: 1 billion cycles (minimum)
Hermetically sealed switch contacts
On switching time: 75 μs (maximum)
ESD HBM rating
5 kV for RF1 to RF4 and RFC pins
2.5 kV for all other pins
Integrated driver removes the need for an external driver
Supply voltage: 3.0 V to 3.6 V
CMOS/LVTTL compatible
Parallel and SPI Interface
Independently controllable switches
Switch is in an open state with no power supply present
Requirement to avoid floating nodes on all RFx pins (see the
Floating Node section)
5 mm × 4 mm × 1.45 mm, 24-lead LFCSP
Operating temperature range: 0°C to +85°C
APPLICATIONS
Relay replacements
Automatic test equipment (ATE): RF, digital, and mixed signals
Load and probe boards: RF, digital, and mixed signals
RF test instrumentation
Reconfigurable filters and attenuators
High performance RF switching
GENERAL DESCRIPTION
The ADGM1004 is a wideband, single-pole, four-throw (SP4T)
switch fabricated using Analog Devices, Inc., microelectro-
mechanical system (MEMS) switch technology. This technology
enables a small form factor, wide RF bandwidth, highly linear, low
insertion loss switch that is operational from 0 Hz/dc to 13 GHz,
making it an ideal solution for a wide range of RF and precision
equipment switching needs.
An integrated driver chip generates a high voltage to
electrostatically actuate switch that can be controlled by a parallel
interface and a serial peripheral interface (SPI). All four switches
are independently controllable.
The device is packaged in a 24-lead, 5 mm × 4 mm × 1.45 mm,
lead frame chip-scale package (LFCSP).
To ensure optimum operation of the ADGM1004, follow the
Critical Operational Requirements section exactly.
The on resistance (RON) performance of the ADGM1004 is
affected by part to part variation, channel to channel variation,
cycle actuations, settling time post turn on, bias voltage, and
temperature changes.
Note that throughout this data sheet, multifunction pins, such
as IN1/SDI, are referred to either by the entire pin name or by a
single function of the pin, for example, SDI, when only that
function is relevant.


Similar Part No. - ADGM1004JCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1001BCCZ AD-ADGM1001BCCZ Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1002 AD-ADGM1002 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1002BCCZ AD-ADGM1002BCCZ Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1003 AD-ADGM1003 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
More results

Similar Description - ADGM1004JCPZ-R2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
0.5 to 2.5 GHz SP4T Switch
Rev 0.1
logo
M/A-COM Technology Solu...
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Analog Devices
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
logo
Honeywell Solid State E...
HRF-SW1020 HONEYWELL-HRF-SW1020 Datasheet
238Kb / 5P
SP4T Absorptive RF Switch DC To 2.5 GHz Operation
HRF-SW1021 HONEYWELL-HRF-SW1021 Datasheet
138Kb / 5P
SP4T Absorptive RF Switch DC To 2.5 GHz Operation
logo
Analog Devices
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1304 AD-ADGM1304_V01 Datasheet
1Mb / 34P
0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
Rev. G
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
ADGM1121 AD-ADGM1121 Datasheet
6Mb / 27P
0 Hz/DC to 18 GHz, DPDT, MEMS Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com