Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN1/SDI
IN2/CS
IN3/SCLK
IN4/SDO
EP1
EP2
GND
NOTES
1. EXPOSED PAD 1. EP1 IS INTERNALLY CONNECTED TO EP2
AND MUST BE CONNECTED TO GND.
2. EXPOSED PAD 2. EP2 IS INTERNALLY CONNECTED TO EP1
AND MUST BE CONNECTED TO GND.
GND
GND
RFC
GND
GND
1
2
3
4
5
17
16
15
14
13
ADGM1004
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1/SDI
Parallel Logic Digital Control Input 1. The voltage applied to this pin controls the gate of the RF1 to RFC
MEMS switch. In SPI mode, this pin is the serial data input pin. In parallel mode, if the IN1 pin is low, the
RF1 to RFC switch is open (off ). If the IN1 pin is high, the RF1 to RFC switch is closed (on). In SPI mode, this
pin functions as the serial data input (SDI) pin.
2
IN2/CS
Parallel Logic Digital Control Input 2. The voltage applied to this pin controls the gate of the RF2 to RFC
MEMS switch. In parallel mode, if IN2 is low, the RF2 to RFC switch is open (off ). If IN2 is high, the RF2 to
RFC switch is closed (on). In SPI mode, this pin is the chip select (CS) pin. CS is an active low signal that
selects the slave device with which the master device intends to communicate. Typically, there is a
dedicated CS signal between the master device and each slave device. The CS pin also functions to
synchronize and frame the communications to and from the slave device.
3
IN3/SCLK
Parallel Logic Digital Control Input 3. The voltage applied to this pin controls the gate of the RF3 to RFC
MEMS switch. In parallel mode, if IN3 is low, the RF3 to RFC switch is open (off ). If IN3 is high, the RF3 to
RFC switch is closed (on). In SPI mode, this pin functions as the serial clock (SCLK) pin that synchronizes the
slave device(s) to the master device. Typically, the SCLK signal is shared for all slave devices on the serial
bus. The SCLK signal is always driven by the master device.
4
IN4/SDO
Parallel Logic Digital Control Input 4. The voltage applied to this pin controls the gate of the RF4 to RFC
MEMS switch. In parallel mode, if IN4 is low, the RF4 to RFC switch is open (off ). If IN4 is high, the RF4 to
RFC switch is closed (on). In SPI mode, this pin functions as the serial data output (SDO) pin. Typically, the
SDO pin is shared for all slave devices on the serial bus. The SDO pin is driven by only one slave device at a time,
otherwise it is high impedance. The SDO pin is always high impedance when the CS pin is deasserted high.
5, 8, 9, 11, 13,
14, 16, 17,
19, 21, 22
GND
Ground Connection.
6
PIN/SPI
Parallel or Serial Logic Control Enable Pin. The SPI interface is enabled when this pin is high. When this pin
is low the parallel digital interface is enabled.
7
EXTD_EN
External Voltage Drive Enable. In normal operation, set EXTD_EN low to enable the built in 10 MHz oscillator,
which enables the internal driver IC voltage boost circuitry. Setting EXTD_EN high disables the internal 10 MHz
oscillator and driver boost circuitry. With the oscillator disabled, the switch can still be controlled via the
logic interface pins (IN1 to IN4) or via SPI interface, but the VCP pin must be driven with 80 V dc from an
external voltage supply. In this mode, the ADGM1004 only consumes 50 μA maximum supply current.
Disabling the internal oscillator eliminates the associated 10 MHz noise feedthrough from the switch.
10
RF4
RF4 Port. This pin can be an input or an output. If unused, connect the pin to GND or terminate the pin
with a 50 Ω resistor to GND.
12
RF3
RF3 Port. This pin can be an input or an output. If unused, connect the pin to GND or terminate the pin
with a 50 Ω resistor to GND.
15
RFC
Common RF Port. This pin can be an input or an output.
18
RF2
RF2 Port. This pin can be an input or an output. If unused, connect the pin to GND or terminate the pin
with a 50 Ω resistor to GND.
20
RF1
RF1 Port. This pin can be an input or an output. If unused, connect the pin to GND or terminate the pin
with a 50 Ω resistor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com