Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADGM1004
Rev. D | Page 11 of 32
Pin No.
Mnemonic
Description
23
VDD
Positive Power Supply Input. The recommended decoupling capacitor to ground value is 0.1 μF. For the
recommended input voltage for this chip, see the Specifications section.
24
VCP
Charge Pump Capacitor Terminal. The recommended shunt capacitor to ground value is 47 pF (100 V
rated). If the EXTD_EN pin is high, input an 80 V dc drive voltage into VCP to drive the switches.
EP1
Exposed Pad 1. EP1 is internally connected to EP2 and must be connected to GND.
EP2
Exposed Pad 2. EP2 is internally connected to EP1 and must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com