Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADGM1004JCPZ-R2 Datasheet HTML 1Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 4 of 32
FUNCTIONAL BLOCK DIAGRAM
CHARGE
PUMP
VCP
VCP
VDD
GND
OSCILLATOR
EXTD_EN
REGULATOR
REFERENCE
AND BIAS
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
RF3
RF4
RF1
RF2
ADGM1004
RFC
NOTES
1. LV = LOW VOLTAGE.
HV = HIGH VOLTAGE.
HV
HV
LV
LV
LV
LV
HV
HV
RF2 IN
RF1 IN
RF4 IN RF3 IN
10MΩ*
10MΩ*
10MΩ*
10MΩ*
10MΩ*
RFC IN
47pF
0.1µF
IN1/SDI
IN2/CS
IN3/SCLK
IN4/SDO
PIN/SPI
*10MΩ RESISTORS ARE REQUIRED TO AVOID ANY FLOATING NODES.
FOR MORE INFORMATION, REFER TO THE CRITICAL OPERATIONAL REQUIREMENTS SECTION
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com