Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 14 of 32
012
34
67
89
510
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (GHz)
TA = 25°C
VDD = 3.3V
RF1 TO RFC
RF2 TO RFC
Figure 18. Off Isolation vs. Frequency, All Channels Off (VDD = 3.3 V)
–80
–70
–60
–50
–40
–30
–20
–10
0
0123
4
6
789
510
FREQUENCY (GHz)
VDD = 3.3V
TA = 85°C
TA = 25°C
TA = 0°C
Figure 19. Off Isolation vs. Frequency over Temperature, All Channels Off
(VDD = 3.3 V, RF1 to RFC)
–80
–70
–60
–50
–40
–30
–20
–10
0
0123456789
10
FREQUENCY (GHz)
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
TA = 25°C
VDD = 3.3V
Figure 20. Off Isolation vs. Frequency, RF1 to RFC On (VDD = 3.3 V)
–60
–50
–40
–30
–20
–10
0
01
23
4
6
78
9
510
FREQUENCY (GHz)
TA = 25°C
VDD = 3.3V
RF1
RF2
RFC (RF1 ON)
Figure 21. Return Loss vs. Frequency (VDD = 3.3 V)
–80
–70
–60
–50
–40
–30
–20
–10
0
012
34
67
89
510
FREQUENCY (GHz)
TA = 25°C
VDD = 3.3V
RF1 TO RF2
RF2 TO RF1
Figure 22. Crosstalk vs. Frequency (VDD = 3.3 V)
–80
–70
–60
–50
–40
–30
–20
–10
0
0123
4
6
789
510
FREQUENCY (GHz)
VDD = 3.3V
TA = 85°C
TA = 25°C
TA = 0°C
Figure 23. Crosstalk vs. Frequency over Temperature (VDD = 3.3 V, RF2 to RF1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com