Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1004JCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADGM1004JCPZ-R2
Description  0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1004JCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADGM1004JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1004JCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADGM1004
Data Sheet
Rev. D | Page 18 of 32
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
1MΩ
NC
NC
NC
RFC
OSCILLOSCOPE
INTERNAL 50Ω
TERMINATION
VIN1
RF3
IN1
RF4
VIN4
IN4
VIN3
IN3
GND
GND
Figure 36. Video Feedthrough
0.1µF
VIN2
VDD
VDD
RF1
RF2
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
SPECTRUM
ANALYZER
COMBINER
NETWORK
RF
SOURCE
RF
SOURCE
GND
GND
Figure 37. IP2 and IP3
tON
50%
50%
90%
10%
VINx
VOUT
tOFF
VDD
VDD
0.1µF
VS
INx
RFx
RFC
RL
50Ω
VOUT
GND
GND
Figure 38. Switch Timing, tON and tOFF (All RFx Terminals Connected to
50 Ω Termination)
0.1µF
VIN2
VDD
RF1
RF2
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
50Ω
RF
SOURCE
INPUT
RF
AMPLIFIER
VDD
GND
GND
Figure 39. Hot Switching Evaluation Setup, 2 GHz RF Source, 50% Duty Cycle,
5 kHz Switching Actuation Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com