Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 36 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 36 Page - Micronas

Back Button MAS3559F Datasheet HTML 32Page - Micronas MAS3559F Datasheet HTML 33Page - Micronas MAS3559F Datasheet HTML 34Page - Micronas MAS3559F Datasheet HTML 35Page - Micronas MAS3559F Datasheet HTML 36Page - Micronas MAS3559F Datasheet HTML 37Page - Micronas MAS3559F Datasheet HTML 38Page - Micronas MAS3559F Datasheet HTML 39Page - Micronas MAS3559F Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
MAS 35x9F
DATA SHEET
36
June 30, 2004; 6251-505-1DS
Micronas
D0:34d
Operation Mode Selection (reset = 0
hex)
G.729
The register is used to switch between basic G.729 operation modes.
bit[19:7]
Reserved, set to 0
bit[6]
Page headers
0
enable
1
disable
If the page headers bit is 0, a header frame is transfered before each page of
50 data frames. If the header bit is 1, all the frames are G.729 data frames.
Please (see Section 3.3.8. on page 44).
bit[5:4]
Decoding speed
00
8 kHz (normal)
01
6 kHz (slow)
10
12 kHz (fast)
11
not allowed
The recording (encoding) is always done with a sampling rate of 8 kHz. During
decoding this control can be used to speed up or slow down the playback.
bit[3]
Reserved, set to 0
bit[2]
Pause encoder/decoder
0
normal operation
1
pause
If the pause bit is set, the processing continues until the current page is fin-
ished and then en-/decoding is paused. The pause mode lasts until the pause
bit is cleared again or the mode is set to 0.
bit[1:0]
Mode
00
idle
01
decode
10
not allowed
11
encode
To switch to
encoder operation mode, UserControl has to be set to 3
hex. Then
50 frames are encoded and sent via the PIO interface. This is repeated until
the UserControl register is changed. If the transmission of headers is enabled,
each page of 50 frames is preceeded by a header frame as shown in Fig. 3–4
on page 44.
To switch to
decoder operation mode, UserControl has to be set to 1
hex. For
decoding with slow speed, UserControl must be 11hex, for decoding with fast
speed it must be 21hex. Then the decoder is requesting several frames via the
PIO interface to fill its internal buffer. If enough data is available, 50 frames are
decoded. This is repeated until the UserControl register is changed. If the
transmission of headers is enabled, a header frame has to be sent before
each page of 50 frames (see Fig. 3–4 on page 44).
To switch off the encoder or decoder, UserControl has to be set to 0hex. Then
the encoding/decoding and sending/receiving of frames continues until the
end of the current page and the operation mode is set to stop.
UserControl
Table 3–9: D0 control memory cells, continued
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com