Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 23 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 23 Page - Micronas

Back Button MAS3559F Datasheet HTML 19Page - Micronas MAS3559F Datasheet HTML 20Page - Micronas MAS3559F Datasheet HTML 21Page - Micronas MAS3559F Datasheet HTML 22Page - Micronas MAS3559F Datasheet HTML 23Page - Micronas MAS3559F Datasheet HTML 24Page - Micronas MAS3559F Datasheet HTML 25Page - Micronas MAS3559F Datasheet HTML 26Page - Micronas MAS3559F Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
23
3.2.1. Write Direct Configuration Registers
The write protocol for the direct configuration registers
only consists of device address, subaddress and one
16-bit data word.
3.2.2. Read Direct Configuration Register
To check the PUP1 and PUP2 power-up flags, it is
necessary to read back the content of the direct config-
uration registers.
Fig. 3–1: Example of an I2C bus protocol for the MAS 35x9F (MSB first; data must be stable while clock is high)
Table 3–2: I2C subaddresses
Sub-
address
(hex)
I2C-
Register
Name
Function
Direct Configuration
6A
CONTROL
Controller writes to
MAS 35x9F CONTROL
register
76
DCCF
Controller writes to first
DC/DC configuration reg-
ister
77
DCFR
Controller writes to
second DC/DC configura-
tion register
DSP Core Access
68
data_write
Controller writes to
MAS 35x9F DSP
69
data_read
Controller reads from
MAS 35x9F DSP
Codec Access
6C
codec_write
Controller writes to
MAS 35x9F codec regis-
ter
6D
codec_read
Controller reads from
MAS 35x9F codec regis-
ter
SDW
subaddr.
WA
P
d3,d2
d1,d0
A
A
A
SDW
subaddr.
S
DR
P
d3,d2
A
N
WA
A
WA
d1,d0
high byte data
low byte data
AP
Example: I2C write access
SDA
SCL
1
0
S
P
DR
Example: I2C read access
DW
subaddress
S
DW
subaddress
high byte data
low byte data
P
N
W = Wait
A = Acknowledge (Ack)
N = Not Acknowledge (NAK)
S = Start
P = Stop
S
S
A
W
A
W
A
A
A
W
A
A
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com