Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 44 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 44 Page - Micronas

Back Button MAS3559F Datasheet HTML 40Page - Micronas MAS3559F Datasheet HTML 41Page - Micronas MAS3559F Datasheet HTML 42Page - Micronas MAS3559F Datasheet HTML 43Page - Micronas MAS3559F Datasheet HTML 44Page - Micronas MAS3559F Datasheet HTML 45Page - Micronas MAS3559F Datasheet HTML 46Page - Micronas MAS3559F Datasheet HTML 47Page - Micronas MAS3559F Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
MAS 35x9F
DATA SHEET
44
June 30, 2004; 6251-505-1DS
Micronas
3.3.7. DSP Volume Control
The digital baseband volume matrix is used for control-
ling the digital gain as shown in Fig. 3–3. This volume
control is effective on both, the digital audio output and
the data stream to the D/A converters. The values are
in 20-bit 2’s complement notation.
Table 3–14 shows the proposed settings for the 4 vol-
ume matrix coefficients for stereo, left and right mono.
The gain factors are given in fixed point notation
(
−1.0×219 = 80000
hex).
If channels are mixed, care must be taken to prevent
clipping at high amplitudes. Therefore, the sum of the
absolute values of coefficients for one output channel
must be less than 1.0.
For normal operating conditions it is recommended to
use the main volume control of the audio codec
instead (register 00 10hex of the audio codec).
Fig. 3–3: Digital volume matrix
3.3.8. Explanation of the G.729A Data Format
The codec is working on a page basis where the
encoding and decoding is performed in blocks of 50
G.729 frames, whereas each frame consists of
10 bytes in byte-swapped order (see Fig. 3–4). There-
fore most changes to the UserControl register become
effective when processing of the current page is fin-
ished. The pages are optionally preceeded by 10 byte
header frames (see Table 3–15).
Switching directly from encoding to decoding mode (or
vice versa) is not allowed. Instead, the controller has to
send a stop request to the MAS 35x9F (writing 0hex to
UserControl) and must keep on sending data in decod-
ing mode or receive data in encoding mode until the
current page of 50 frames is finished. After this run-out
time, the encoding or decoding can be started again.
Fig. 3–4: Schematic timing of the data transmission with preceeding header
−1
−1
−1
−1
LL
LR
RL
RR
+
+
left audio
right audio
Table 3–14: Settings for the digital volume matrix
Memory
D0:354
D0:355
D0:356
D0:357
Name
LL
LR
RL
RR
Stereo
(default)
−1.0
0
0
−1.0
Mono left
−1.0
−1.0
0
0
Mono right
0
0
−1.0
−1.0
Table 3–15: Content of page header
Byte
12
34567
8910
Value
(hex)
64
6d
72
31
64
61
74
61
F4
01
...
...
...
...
...
page
header
frame
1
frame
2
frame
3
frame
49
frame
49
page
header
frame
51
frame
52
frame
99
frame
100
page
header
frame
101
frame
102
10 ms 10 ms
byte
2
byte
1
byte
4
byte
3
byte
6
byte
5
byte
8
byte
7
byte
10
byte
9
64 6D 72 31 64 61 74 61 F4 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com