Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 21 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 21 Page - Micronas

Back Button MAS3559F Datasheet HTML 17Page - Micronas MAS3559F Datasheet HTML 18Page - Micronas MAS3559F Datasheet HTML 19Page - Micronas MAS3559F Datasheet HTML 20Page - Micronas MAS3559F Datasheet HTML 21Page - Micronas MAS3559F Datasheet HTML 22Page - Micronas MAS3559F Datasheet HTML 23Page - Micronas MAS3559F Datasheet HTML 24Page - Micronas MAS3559F Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
21
2.11.4.Control of the Signal Processing
Before starting the DSP, the controller should check
for a sufficient voltage supply (respective flag PUPn at
I2C subaddress 76hex). The DSP is enabled by setting
the appropriate bit in the Control register (I2C subad-
dress 6Ahex). The nominal frequency of the crystal
oscillator must be written into D0:348. After an initial-
ization phase of 5 ms, the DSP data registers can be
accessed via I2C.
Input and output control is performed via memory loca-
tion D0:346 and D0:347. The serial input interface
SDIB is the default. The decoded audio can be routed
to either the S/PDIF, the SDO and the analog outputs.
The output clock signal at pin CLKO is defined in
D0:349.
All changes in the D0 memory cells become effective
synchronously upon setting the LSB of Main I/O Con-
trol (see Table 3–8 on page 32). Therefore, this cell
should always be written last.
The digital volume control (see Table 3–8 on page 32)
is applied to the output signal of the DSP. The
decoded audio data will be available at the SPDO out-
put interface in the next version.
The DSP does not have to be started if its functions
are not required, e.g., for routing audio through the
codec part of the IC via the A/D and the D/A convert-
ers.
2.11.5.Start-up of the Audio Codec
Before enabling the audio codec, the controller should
check for a sufficient voltage supply (respective flag
PUPn at I2C subaddress 76hex).
The audio codec is enabled by setting the appropriate
bit at the Control register (I2C subaddress 6Ahex). After
an initialization phase of 5 ms, the DSP data registers
can be accessed via I2C. The A/D and the D/A con-
verters must be switched on explicitly (register
00 00hex at I
2C subaddress 6C
hex). The D/A convert-
ers may either accept data from the A/D converters or
the output of the DSP, or a mix of both1) (register
00 06hex and 00 07hex at I
2C subaddress 6C
hex).
Finally,
an
appropriate
output
volume
(register
00 10hex at I
2C subaddress 6C
hex) must be selected.
2.11.6.Power-Down
All analog outputs should be muted and the A/D and
the D/A converters must be switched off (register
00 10hex and 00 00hex at I
2C subaddress 6C
hex). The
DSP and the audio codec must be disabled (clear
DSP_EN and CODEC_EN bits in the Control register,
I2C subaddress 6Ahex). By clearing both DC/DC
enable flags in the Control register (I2C subaddress
6Ahex), the microcontroller can power down the com-
plete system.
1) mixer available in version A2 and later; in version
A1, please use selector 00 0Fhex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com