Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 65 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 65 Page - Micronas

Back Button MAS3559F Datasheet HTML 61Page - Micronas MAS3559F Datasheet HTML 62Page - Micronas MAS3559F Datasheet HTML 63Page - Micronas MAS3559F Datasheet HTML 64Page - Micronas MAS3559F Datasheet HTML 65Page - Micronas MAS3559F Datasheet HTML 66Page - Micronas MAS3559F Datasheet HTML 67Page - Micronas MAS3559F Datasheet HTML 68Page - Micronas MAS3559F Datasheet HTML 69Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
65
4.6. Electrical Characteristics
Abbreviations:
tbd = to be defined
vacant = not applicable
positive current values mean current flowing into the chip
4.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (VSUP1, VSUP2, VSUP3 = 0 V) except where noted.
All GND pins must be connected to a low-resistive ground plane close to the IC.
Do not insert the device into a live socket. Instead, apply power by switching on the external power supply. For
power up/down sequences, see the instructions in Section 2.6. of this document.
Table 4–1: Absolute Maximum Ratings
Symbol
Parameter
Pin Name
Limit Values
Unit
Min.
Max.
TA
1)
Ambient Temperature
- operating conditions
- extended temperature range1)
−10
−40
2)
85
85
°C
TC
Case Temperature
PLQFP64-1
PMQFP64-2
PQFN64-1
−10
−10
−10
115
120
120
°C
TS
Storage Temperature
−40
125
°C
PMAX
Maximum Power Dissipation
PLQFP64-1
PMQFP64-2
PQFN64-1
VDD, XVDD,
AVDD0/1,
I2CVDD
3)
0.67
0.63
0.87
W
VSUP1
Supply Voltage 1
VDD, XVDD,
I2CVDD,
AVDD0/14)
−0.3
6
V
1) Data sheet parameters are valid for “operating conditions” only. The functionality of the device in the “extended
temperature range” was checked by electrical characterization on sample base.
2) A power-optimized board layout is recommended. The Case Temperature mentioned in the “Absolute Maxi-
mum Ratings” must not be exceeded at worst case conditions of the application.
3) Package limits
4) Both AVDD0 and AVDD1 have to be connected together!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com