Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 73 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 73 Page - Micronas

Back Button MAS3559F Datasheet HTML 69Page - Micronas MAS3559F Datasheet HTML 70Page - Micronas MAS3559F Datasheet HTML 71Page - Micronas MAS3559F Datasheet HTML 72Page - Micronas MAS3559F Datasheet HTML 73Page - Micronas MAS3559F Datasheet HTML 74Page - Micronas MAS3559F Datasheet HTML 75Page - Micronas MAS3559F Datasheet HTML 76Page - Micronas MAS3559F Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
73
4.6.2.2. Serial (I2S) Input Interface Characteristics (SDI, SDIB)
at T = TA, VSUPD, VSUPA = 2.2 ... 3.6 V, fCRYSTAL = 18.432 MHz, Typ. values for TA =25 °C in P(L/M)QFP package
Fig. 4–21: Continuous data stream at serial input A or B. In this mode, the word strobe SI(B)I is not used and the
data are read at the falling edge of the clock (bit[2] in D0:346 is set).
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
tSICLK
I2S clock input clock period
SI(B)C
325
ns
fS = 48 kHz Stereo,
32 bits per sample
(for demand mode see
Table 4–6)
tSIDS
I2S data setup time before
rising edge of clock (for
continuous data stream:
falling edge)
SI(B)C,
SI(B)D
50
ns
tSIDH
I2S data hold time
SI(B)D
50
ns
tSIIS
I2S ident setup time before
rising edge of clock (for
continuous data stream:
falling edge)
SI(B)C,
SI(B)I
50
ns
tSIIH
I2S ident hold time
SI(B)I
50
ns
tbw
Burst wait time
SI(B)C, SI(B)D
480
Table 4–6: Maximum allowed sample clock frequency in Demand Mode
fSample (kHz)
fC (MHz)
min. tSICLK (ns)
48, 32
6.144
162
44.1
5.6448
177
24, 16
3.072
325
22.05
2.8224
354
12, 8
1.536
651
11.025
1.4112
708
H
L
H
L
H
L
TSICLK
TSIDH
TSIDS
SI(B)C
SI(B)I
SI(B)D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com