Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 70 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 70 Page - Micronas

Back Button MAS3559F Datasheet HTML 66Page - Micronas MAS3559F Datasheet HTML 67Page - Micronas MAS3559F Datasheet HTML 68Page - Micronas MAS3559F Datasheet HTML 69Page - Micronas MAS3559F Datasheet HTML 70Page - Micronas MAS3559F Datasheet HTML 71Page - Micronas MAS3559F Datasheet HTML 72Page - Micronas MAS3559F Datasheet HTML 73Page - Micronas MAS3559F Datasheet HTML 74Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
MAS 35x9F
DATA SHEET
70
June 30, 2004; 6251-505-1DS
Micronas
Table 4–5: Analog input and output recommendations
Symbol
Parameter
Pin Name
Limit Values
Unit
Min.
Typ.
Max.
Analog Reference
CAGNDC1
Analog filter capacitor
AGNDC
1.0
3.3
µF
CAGNDC2
Ceramic capacitor in parallel
10
nF
CPVDD
Capacitor for analog circuitry
PVDD
3
nF
Analog Audio Inputs
CinAD
DC-decoupling capacitor at A/D-
converter inputs
INL/R
390
nF
CinMI
DC-decoupling capacitor at
microphone-input
MICIN
390
nF
CLMICBI
Minimum-Capacitance at micro-
phone bias
MICBI
3.3
nF
Analog Audio Filter Outputs
CFILT
Filter capacitor for headphone
amplifier
high-Q type,
NP0 or C0G material
FILTL/R
OUTL/R
−20 %
470
+20 %
pF
Analog Audio Output
ZAOL_HP
Analog output load with stereo
headphones
OUTL/R
16
Ω
100
pF
DC/DC-Converter External Circuitry (please refer to application example)
C1
VSENS blocking
(<100 m
Ω ESR)
VSENS1/2
330
µF
VTH
Schottky diode threshold voltage
DCSO1/2
VSENS1/2
0.39
V
L
Ferrite core coil inductance
DCSO1/2
22
µH
S/PDIF Interface Analog Input
CSPI
S/PDIF coupling capacitor
SPDI1/2
SPDIR
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com