Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 69 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 69 Page - Micronas

Back Button MAS3559F Datasheet HTML 65Page - Micronas MAS3559F Datasheet HTML 66Page - Micronas MAS3559F Datasheet HTML 67Page - Micronas MAS3559F Datasheet HTML 68Page - Micronas MAS3559F Datasheet HTML 69Page - Micronas MAS3559F Datasheet HTML 70Page - Micronas MAS3559F Datasheet HTML 71Page - Micronas MAS3559F Datasheet HTML 72Page - Micronas MAS3559F Datasheet HTML 73Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
69
Table 4–3: Input clock frequency
Symbol
Parameter
Pin Name
Limit Values
Unit
Min.
Typ.
Max.
fCLK
1)
G.729 Decoder
G.729 Encoder
XTI, XTO
16.4
13.7
MHz
MHz
MPEG Decoder (SC4 En-
Decoder)
11.0
MHz
1) Minimum F
CLK for SD-card decryption is defined in a supplement.
Table 4–4: Input levels
Symbol
Parameter
Pin Name
Limit Values
Unit
Min.
Typ.
Max.
VIL
Input low voltage
I2CC,
I2CD
0.3
V
VIH
Input high voltage
1.4
V
VIL
Input low voltage
POR,
DCEN
0.2
V
VIH
Input high voltage
0.9
V
VILD
Input low voltage
PI<I>,
SI(B)I,
SI(B)C,
SI(B)D, PR,
PCS,
TE, DVS
0.3
V
VIHD
Input high voltage
VSUPx
−0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com