Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 87 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 87 Page - Micronas

Back Button MAS3559F Datasheet HTML 83Page - Micronas MAS3559F Datasheet HTML 84Page - Micronas MAS3559F Datasheet HTML 85Page - Micronas MAS3559F Datasheet HTML 86Page - Micronas MAS3559F Datasheet HTML 87Page - Micronas MAS3559F Datasheet HTML 88Page - Micronas MAS3559F Datasheet HTML 89Page - Micronas MAS3559F Datasheet HTML 90Page - Micronas MAS3559F Datasheet HTML 91Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
87
Fig. 4–32: Maximum Load Current vs. Input Voltag
Note: Efficiency is measured as V
SENSn × ILOAD /(Vin × Iin).
IAVDD is not included (Oscillator current)
Efficiency vs. Load Current
DCDC1 (VOUT =2.2 V)
Load Current (A)
100
80
60
40
20
0
10−4
10−3
10−2
10−1
VIN:
1.5 V
1.2 V
0.9 V
PFM
PWM
1
0.9 V
1.5 V
Maximum Load Current
Input Voltage (V)
0.8
0.6
0.4
0.2
0
0.0
1.0
2.0
3.0
vs. Input Voltage
Vout:
2.2 V
3.0 V
3.5 V
PFM
PWM
DCDC1
Efficiency vs. Load Current
DCDC2 (VOUT =2.2 V)
Load Current (A)
100
80
60
40
20
0
10−4
10−3
10−2
10−1
VIN:
1.5 V
1.2 V
0.9 V
PFM
PWM
1
0.9 V
1.5 V
Maximum Load Current
Input Voltage (V)
0.8
0.6
0.4
0.2
0
0.0
1.0
2.0
3.0
vs. Input Voltage
Vout:
2.2 V
3.0 V
3.5 V
PFM
PWM
DCDC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com