Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 40 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 40 Page - Micronas

Back Button MAS3559F Datasheet HTML 36Page - Micronas MAS3559F Datasheet HTML 37Page - Micronas MAS3559F Datasheet HTML 38Page - Micronas MAS3559F Datasheet HTML 39Page - Micronas MAS3559F Datasheet HTML 40Page - Micronas MAS3559F Datasheet HTML 41Page - Micronas MAS3559F Datasheet HTML 42Page - Micronas MAS3559F Datasheet HTML 43Page - Micronas MAS3559F Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
MAS 35x9F
DATA SHEET
40
June 30, 2004; 6251-505-1DS
Micronas
Table 3–11: D0 status memory cells
Memory
Address
Function
Name
D0:FCF
AAC bitrate in bit/s
AACbitrate
D0:FD0
MPEG Frame Counter
bit[19:0]
number of MPEG frames after synchronization
The counter will be incremented with every new frame that is decoded. With
an invalid MPEG bit stream at its input (e.g. an invalid header is detected), the
MAS 35x9F resets the MPEGFrameCount to ‘0’.
MPEGFrameCount
D0:FD1
MPEG Header and Status Information
bit[15]
reserved, must be set to zero
bit[14:13]
MPEG ID, Bits 12, 11 of the MPEG header
00
MPEG 2.5
01
reserved
10
MPEG 2
11
MPEG 1
not valid in case of AAC decoding (bit[12:11] = 00)
bit[12:11]
Bits 14 and 13 of the MPEG header
00
AAC
01
Layer 3
10
Layer 2
11
Layer 1
bit[10]
CRC Protection
0
bitstream protected by CRC
1
bitstream not protected by CRC
bit[9:2]
Reserved
bit[1]
CRC error
0
no CRC error
1
CRC error
bit[0]
Invalid frame
0
no invalid frame´
1
invalid frame
This location contains bits 15...11 of the original MPEG header and other sta-
tus bits. It will be set each frame directly after the header has been decoded
from the bit stream.
MPEGStatus1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com