Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 17 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 17 Page - Micronas

Back Button MAS3559F Datasheet HTML 13Page - Micronas MAS3559F Datasheet HTML 14Page - Micronas MAS3559F Datasheet HTML 15Page - Micronas MAS3559F Datasheet HTML 16Page - Micronas MAS3559F Datasheet HTML 17Page - Micronas MAS3559F Datasheet HTML 18Page - Micronas MAS3559F Datasheet HTML 19Page - Micronas MAS3559F Datasheet HTML 20Page - Micronas MAS3559F Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
17
2.10.MP3 Block Input Mode
A new so-called
MP3 block input mode is now avail-
able which improves the input timing behavior of the
MAS 35x9F MPEG 1/2/2.5 Layer 3 decoder. The fol-
lowing sections provide a detailed description of this
new mode.
2.10.1.Functional Description of the MP3 Block
Input Mode
In MP3 block input, the MAS 35x9F generates a
demand for new input data each time one of its two
input buffers becomes available. The controller then
has to send one block of input data via the serial inter-
face SDIB. The block size is 2048 byte. The demand is
signalized via a pulse on the EOD pin.
Fig. 2–13 shows that the number of interrupts per sec-
ond does not depend on the data rate at the serial
interface. The maximum input data bit clock rate sup-
ported by the MAS 35x9F for all MPEG audio sampling
rates is 1.4 MHz.
Table 2–3 shows the average number of interrupts per
second for several typical MP3 bit rates.
The time period between two interrupts may vary
slightly even for fixed bit rate input streams due to the
MP3 specific bit reservoir.
Fig. 2–13: Data Block Timing Diagram
Table 2–3: MP3 bit rate vs. number of interrupts
Bit Rate
[kbit/s]
Number of Interrupts
[1/s]
320
20
256
16
224
14
192
12
160
10
128
8
112
7
96
6
80
5
64
4
Interrupt
a)
b)
Data blocks in a) and b) contain the same number of bytes.
Data block a) is sent with a lower data rate than data block b).
t
SIC
SIC
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com