Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 25 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 25 Page - Micronas

Back Button MAS3559F Datasheet HTML 21Page - Micronas MAS3559F Datasheet HTML 22Page - Micronas MAS3559F Datasheet HTML 23Page - Micronas MAS3559F Datasheet HTML 24Page - Micronas MAS3559F Datasheet HTML 25Page - Micronas MAS3559F Datasheet HTML 26Page - Micronas MAS3559F Datasheet HTML 27Page - Micronas MAS3559F Datasheet HTML 28Page - Micronas MAS3559F Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
25
76
DCCF Register (reset = 5050
hex)
DCCF
DC/DC Converter 2
bit[15]
PUP2: Voltage monitor 2 flag (readback)
bit[14:11]
Converter 2 output voltage with respect to VREF2)
Code
Nominal
set level
reset level
output volt. of PUP2
of PUP2
1111
3.5 V
3.4 V
3.3 V
1110
3.4 V
3.3 V
3.2 V
1101
3.3 V
3.2 V
3.1 V
1100
3.2 V
3.1 V
3.0 V
1011
3.1 V
3.0 V
2.9 V
1010
3.0 V
2.9 V
2.8 V (reset)
1001
2.9 V
2.8 V
2.7 V
1000
2.8 V
2.7 V
2.6 V
0111
2.7 V
2.6 V
2.5 V
0110
2.6 V
2.5 V
2.4 V
0101
2.5 V
2.4 V
2.3 V
01001)
2.4 V
2.3 V
2.2 V
00111)
2.3 V
2.2 V
2.1 V
00101)
2.2 V
2.1 V
2.0 V
bit[10]
Mode
1
pulse frequency modulation (PFM)
0
pulse width modulation (PWM) (reset)
bit[9:8]
Reserved, must be set to zero
The DC/DC converters are up-converters only. Thus, if the battery voltage is
higher than the selected nominal voltage, the output voltage will exceed the
nominal voltage.
DC/DC Converter 1
bit[7]
PUP1: Voltage monitor 1 flag (readback)
bit[6:3]
Converter 1 output voltage at VSENS1 with respect to VREF
(see bits 14 to 11)2)
bit[2]
Mode
1
pulse frequency modulation (PFM)
0
pulse width modulation (PWM) (reset)
bit[1:0]
Reserved, must be set to zero
Note, that the reference voltage for DC/DC converter 1 is derived from the
main reference source supplied via pin AVDD1. Therefore, if this DC/DC con-
verter is used, its output must be connected to the analog supply.
The DC/DC converters are up-converters only. Thus, if the battery voltage is
higher than the selected nominal voltage, the output voltage will exceed the
nominal voltage.
1) refer to Section 4.3.3. on page 60
2) refer to Section 2.11.2.1.
Table 3–3: Direct configuration registers, continued
I2C Sub-
address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com