Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3559F Datasheet(PDF) 78 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 78 Page - Micronas

Back Button MAS3559F Datasheet HTML 74Page - Micronas MAS3559F Datasheet HTML 75Page - Micronas MAS3559F Datasheet HTML 76Page - Micronas MAS3559F Datasheet HTML 77Page - Micronas MAS3559F Datasheet HTML 78Page - Micronas MAS3559F Datasheet HTML 79Page - Micronas MAS3559F Datasheet HTML 80Page - Micronas MAS3559F Datasheet HTML 81Page - Micronas MAS3559F Datasheet HTML 82Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
MAS 35x9F
DATA SHEET
78
June 30, 2004; 6251-505-1DS
Micronas
Fig. 4–28: Handshake protocol for writing MPEG data to the PIO-DMA
Table 4–8: PIO input DMA mode timing
Symbol
Pin Name
Min.
Max.
tst
PR, EOD
10 ns
2000
µs
tr
PR, RTR
t_clm
tset1
PI[19:12]
2*t_clm-
33 ns
tset2
PI[19:12]
dep. on
appl.
th
PI[19:12]
5*t_
clm
trtrq
RTR
5*t_
clm
MP3:
60*t_clm
AAC:
140*t_clm
tpr
PR
5*t_
clm
trpr
PR, RTR
t_clm
teod
PR, EOD
t_clm
teodq
EOD
150*t_clm1)
200 ms1)
1) See Parallel I/O Application Note,
Order no. 6251-590-2-1IC.
Table 4–9: t_clm in MP3
Sample rate
[kHz]
t_clm [ns]
f_clm [MHz]
48 or 32
41
24.5760
44.1
44
22.5792
24 or 16
81
12.2880
22.05
89
11.2896
12 or 8
163
6.1440
11.025
177
5.6448
Table 4–10: t_clm in AAC
Sample rate
[kHz]
t_clm [ns]
f_clm [MHz]
48 or 32
33
30.720
44.1
35
28.224
24 or 16
65
15.360
22.05
71
14.112
12 or 8
130
7.680
11.025
142
7.056
Customer IC
/EOD
PR
/RTR
PI(19:12)
GPIO
GPIO
D7-D0
tset
1 = Tchl_dov
th
tr
trtrq
tst
/CS
/WR
Twrh
_csh
tset
2
tpr = Twr
trpr
teod
teodq
MAS3509F
/EOD
PR
/RTR
PI(19:12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com