Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 28 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 28 Page - Micronas

Back Button MAS3519F Datasheet HTML 24Page - Micronas MAS3519F Datasheet HTML 25Page - Micronas MAS3519F Datasheet HTML 26Page - Micronas MAS3519F Datasheet HTML 27Page - Micronas MAS3519F Datasheet HTML 28Page - Micronas MAS3519F Datasheet HTML 29Page - Micronas MAS3519F Datasheet HTML 30Page - Micronas MAS3519F Datasheet HTML 31Page - Micronas MAS3519F Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
MAS 35x9F
DATA SHEET
28
June 30, 2004; 6251-505-1DS
Micronas
3.3.2. Data Formats
The internal data word size is 20 bits. All RAM-
addresses can be accessed in a 20-bit mode via I2C
bus. Because of the 16-bit width of the I2C data regis-
ter the full transfer of all 20 bits requires two 16-bit I2C
words. Some commands only access the lower 16 bits
of a cell. For fast access of internal DSP states the
processor core also has an address space of 256 data
registers.
The internal data format is a 20 bit two’s complement
denoted “r”. If in some cases a fixed point notation “v”
is necessary. The conversion between the two forms
of notation is done as follows:
r = v*524288.0+0.5; (
−1.0 ≤ v < 1.0)
v = r/524288.0; (
−524288 < r < 524287)
3.3.2.1. Run and Freeze (Codes 0hex to 3hex)
The Run command causes the start of a program part
at address
a = (a3,a2,a1,a0). Since nibble a3 is also
the command code (see Table 3–5), it is restricted to
values between 0 and 3. This command is used to
start alternate code or downloaded code from a RAM-
area that has been configured as program RAM.
If the start address is 1000hex ≤ a < 3FFFhex and the
respective RAM area has been configured as program
RAM (see Table 3–7 on page 31), the MAS 35x9F
continues execution with a custom program already
downloaded to this area.
Example 1: Start program execution at address
345hex:
<DW 68 03 45>
Example 2: Start execution of a downloaded code at
address 1000hex:
<DW 68 10 00>
Freeze is a special run command with start address 0.
It suspends all normal program execution. The operat-
ing system will enter an idle loop so that all registers
and memory cells can be watched. This state is useful
for operations like downloading code or contents of
memory cells because the internal program cannot
overwrite these values. This freezing will be required if
alternative software is downloaded into the internal
RAM of the MAS 35x9F.
Freeze has the following I2C protocol:
<DW 68 00 00>
The entry point of the default software will be accessed
automatically after a reset, thus issuing a Run or
Freeze command is only necessary for starting down-
loaded software or special program modules which are
not part of the standard set.
3.3.2.2. Read Register (Code Ahex)
The MAS 35x9F has an address space of 256 DSP-
registers. Some of the registers (
r = r1,r0 in the figure
above) are direct control inputs for various hardware
blocks, others control the internal program flow. In
Table 3–7, the registers of interest are described in
detail. In contrast to memory cells, registers cannot be
accessed as a block but must always be addressed
individually.
Example:
Read the content of register C8hex:
<DW 68 ac 80>
define register
<DW 69 <DR xx xd dd dd >
and read
3.3.2.3. Write Register (Code Bhex)
The controller writes the 20-bit value (
d = d4,d3,d2,
d1,d0) into the MAS 35x9F register (
r = r1,r0). A list of
registers needed for control purposes is given in Table
3–7.
Example: Writing the value 81234hex into the register
with the number AAhex:
<DW 68 ba a8 12 34>
SDW
data_write
P
a3,a2
a1,a0
WA
A
A
WA
1) send command
2) get register value
SDW
data_write
P
a,r1
r0,0
SDW
data_read
N
S
DR
A
P
A
A
d3,d2
WA
A
A
WA
WA
WA
A
W
W
d1,d0
x,d4
x,x
SDW
data_write
A
b,r1
r0,d4
P
d3,d2
d1,d0
WA
A
A
WA
A
WA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com