Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 51 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 51 Page - Micronas

Back Button MAS3519F Datasheet HTML 47Page - Micronas MAS3519F Datasheet HTML 48Page - Micronas MAS3519F Datasheet HTML 49Page - Micronas MAS3519F Datasheet HTML 50Page - Micronas MAS3519F Datasheet HTML 51Page - Micronas MAS3519F Datasheet HTML 52Page - Micronas MAS3519F Datasheet HTML 53Page - Micronas MAS3519F Datasheet HTML 54Page - Micronas MAS3519F Datasheet HTML 55Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
51
VOLUME
00 12
Automatic Volume Correction (AVC) Loudspeaker Channel
bit[15:12] 0hex
AVC off (and reset internal variables)
8hex
AVC on
bit[11:8]
8hex
8 s decay time
4hex
4 s decay time
2hex
2 s decay time
1hex
20 ms decay time (intended for quick adaptation to the
average volume level after track or source change)
Note: To reset the internal variables, the AVC should be switched off and then
on again during any track or source change. For standard applications, the
recommended decay time is 4 s.
AVC
00 11
Balance
bit[15:8]
Balance range
7Fhex
left
−127 dB, right 0 dB
7Ehex
left
−126 dB, right 0 dB
...
01hex
left
−1dB, right 0dB
00hex
left 0 dB, right 0 dB
FFhex
left 0 dB, right
−1dB
...
81hex
left 0 dB, right
−127 dB
80hex
left 0 dB, right
−128 dB
Positive balance settings reduce the left channel without affecting the right
channel; negative settings reduce the right channel leaving the left channel
unaffected.
BALANCE
00 10
Volume Control
bit[15:8]
Volume table with 1 dB step size
7Fhex
+12 dB (maximum volume)
7Ehex
+11 dB
...
74hex
+1dB
73hex
0dB
72hex
−1dB
...
02hex
−113 dB
01hex
−114 dB
00hex
mute (reset)
bit[7:0]
Not used, must be set to 0
This main volume control is applied to the analog outputs only. It is split
between a digital and an analog function. In order to avoid noise due to large
changes of the setting, the actual setting is internally low-pass filtered.
With large scale input signals, positive volume settings may lead to signal clip-
ping.
VOLUME
Table 3–16: Codec control registers on I2C subaddress 6C
hex, continued
Register
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com