Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 77 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 77 Page - Micronas

Back Button MAS3519F Datasheet HTML 73Page - Micronas MAS3519F Datasheet HTML 74Page - Micronas MAS3519F Datasheet HTML 75Page - Micronas MAS3519F Datasheet HTML 76Page - Micronas MAS3519F Datasheet HTML 77Page - Micronas MAS3519F Datasheet HTML 78Page - Micronas MAS3519F Datasheet HTML 79Page - Micronas MAS3519F Datasheet HTML 80Page - Micronas MAS3519F Datasheet HTML 81Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
77
4.6.2.5. S/PDIF Output Characteristics
at T = TA, VSUPD, VSUPA = 2.2 ... 3.6 V, fCRYSTAL = 18.432 MHz, Typ. values for TA =25 °C in P(L/M)QFP package.
Fig. 4–27: Timing of the S/PDIF output
4.6.2.6. PIO as Parallel Input Interface: DMA Mode
In decoding mode, the data transfer can be started
after the EOD pin of the MAS 35x9F is set to “high”.
After verifying this, the controller signalizes the send-
ing of data by activating the PR line. The MAS 35x9F
responds by setting the RTR line to the “low” level. The
MAS 35x9F reads the data PI[19:12] and sets RTR to
low after rising edge of PR. After RTR is set to high,
the mC sets PR to low. The next data word write oper-
ation will be initialized again by setting the PR line via
the controller. Please refer to Figure for the exact tim-
ing.
The procedure above will be repeated until the
MAS 35x9F sets the EOD signal to “0” which indicates
that the transfer of one data block has been executed.
Subsequently, the controller should set PR to “0”, wait
until EOD rises again and then repeat the procedure to
send the next block of data. The DMA buffer for MPEG
decoding is 30 bytes long. The size for G.729 is 10
bytes.
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
fs1
Bi-phase frequency
SPDO
3.072
MHz
fs = 48 kHz
fs2
Bi-phase frequency
SPDO
2.822
MHz
fs = 44.1 kHz
fs3
Bi-phase frequency
SPDO
2.048
MHz
fs = 32 kHz
tP
Bi-phase period
SPDO
326
ns
at fs = 48 kHz, (highest
sampling rate)
tR
Rise time
SPDO
0
2
ns
Cload =10pF
tF
Fall time
SPDO
0
2
ns
Cload =10pF
Duty cycle
SPDO
50
%
tH1,L1
SPDO
163
ns
minimum/maximum pulse
duration with a level
above 90% or below 10%
and at fs =48 kHz
tH0,L0
SPDO
326
ns
minimum/maximum pulse
duration with a level
above 90% or below 10%
and at fs =48 kHz
VS
Signal amplitude
SPDO
VSUPD
tP
tR
tF
Bit value = 1
Bit value = 0
tH1
tL1
tH0
tL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com