Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 60 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 60 Page - Micronas

Back Button MAS3519F Datasheet HTML 56Page - Micronas MAS3519F Datasheet HTML 57Page - Micronas MAS3519F Datasheet HTML 58Page - Micronas MAS3519F Datasheet HTML 59Page - Micronas MAS3519F Datasheet HTML 60Page - Micronas MAS3519F Datasheet HTML 61Page - Micronas MAS3519F Datasheet HTML 62Page - Micronas MAS3519F Datasheet HTML 63Page - Micronas MAS3519F Datasheet HTML 64Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
MAS 35x9F
DATA SHEET
60
June 30, 2004; 6251-505-1DS
Micronas
4.3. Pin Descriptions
4.3.1. Power Supply Pins
The use of all power supply pins is mandatory to
achieve correct function of the MAS 35x9F.
VDD, VSS
SUPPLY
Digital supply pins.
XVDD, XVSS
SUPPLY
Supply for digital output pins.
I2CVDD
SUPPLY
Supply for I2C interface circuitry. This net uses VSS or
XVSS as the ground return line.
PVDD
SUPPLY
Auxiliary pin for analog circuitry. This pin has to be
connected via a 3 nF capacitor to AVDD1. Extra care
should be taken to achieve a low-inductance PCB line.
AVDD0/AVSS0
SUPPLY
Supply for analog output amplifier.
AVDD1/AVSS1
SUPPLY
Supply for internal analog circuits (A/D, D/A convert-
ers, clock, PLL, S/PDIF input).
AVDD0/AVSS0 and AVDD1/AVSS1 should receive the
same supply voltages.
4.3.2. Analog Reference Pins
AGNDC
Internal analog reference voltage. This pin serves as
the internal ground connection for the analog circuitry.
VREF
Analog reference ground. All analog inputs and out-
puts should drive their return currents using separate
traces to a ground starpoint close to this pin. Connect
to AVSS1. This reference pin should be as noise-free
as possible.
4.3.3. DC/DC Converters and
Battery Voltage Supervision
DCSG1/DCSG2
SUPPLY
DC/DC converters switch ground. Connect using sep-
arate wide trace to negative pole of battery cell. Con-
nect also to AVSS0/1 and VSS/XVSS, VREF.
DCSO1/DCSO2
SUPPLY
DC/DC converter switch connection. If the respective
DC/DC converter is not used, this pin must be left
vacant.
VSENS1/VSENS2
IN
Sense input and power output of DC/DC converters. If
the respective DC/DC converter is not used, this pin
should be connected to a supply to enable proper
function of the PUP-signals.
DCEN
IN
Enable signal for both DC/DC converters. If none of
the DC/DC converters is used, this pin must be con-
nected to VSS.
PUP
OUT
Power-up. This signal is set when the required volt-
ages are available at both DC/DC converter output
pins VSENS1 and VSENS2. The signal is cleared
when both voltages have dropped below the reset
level in the DCCF Register.
VBAT
IN
Analog input for battery voltage supervision.
4.3.4. Oscillator Pins and Clocking
XTI
IN
XTO
OUT
The XTI pin is connected to the input of the internal
crystal oscillator, the XTO pin to its output. Each pin
should be directly connected to the crystal and to a
ground-connected capacitor (see application diagram,
Fig. 5–1 on page 89).
CLKO
OUT
The CLKO can drive an output clock line.
4.3.5. Control Lines
I2CC
SCL
IN/OUT
I2CD
SDA
IN/OUT
Standard I2C control lines.
DVS
IN
I2C device address selector. Connect this pin either to
VDD (I2C device address: 3E/3Fhex) or VSS (I
2C
device address: 3C/3Dhex) to select a proper I
2C
device address (see also Table 3–2 on page 23).
4.3.6. Parallel Interface Lines
PI12..PI19
IN/OUT
The PIO input pins PI12..PI19 are used as 8-bit I/O
interface to a microcontroller in order to transfer com-
pressed and uncompressed data. PI12 is the LSB,
PI19 the MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com