Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 16 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 16 Page - Micronas

Back Button MAS3519F Datasheet HTML 12Page - Micronas MAS3519F Datasheet HTML 13Page - Micronas MAS3519F Datasheet HTML 14Page - Micronas MAS3519F Datasheet HTML 15Page - Micronas MAS3519F Datasheet HTML 16Page - Micronas MAS3519F Datasheet HTML 17Page - Micronas MAS3519F Datasheet HTML 18Page - Micronas MAS3519F Datasheet HTML 19Page - Micronas MAS3519F Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
MAS 35x9F
DATA SHEET
16
June 30, 2004; 6251-505-1DS
Micronas
2.9. MPEG Synchronization Output
The signal at pin SYNC is set to ‘1’ after the internal
decoding for the MPEG header has been finished for
one frame. The rising edge of this signal can be used
as an interrupt input for the controller that triggers the
read out of the control information and ancillary data.
As soon as the MAS 35x9F has received the SYNC
reset command (see Section 4.6.2.6. on page 77), the
SYNC signal is cleared. If the controller does not issue
a reset command, the SYNC signal returns to ‘0’ as
soon as the decoding of the next MPEG frame is
started. MPEG status and ancillary data become
invalid until the frame is completely decoded and the
signal at pin SYNC rises again. The controller must
have finished reading all MPEG information before it
becomes invalid. The MPEG Layer 2/3 frame lengths
are given in Table 2–2. AAC has no fixed frame length.
Fig. 2–12: Schematic timing of the signal at pin SYNC.
The signal is cleared at tread when the controller has
issued a Clear SYNC Signal command (see
Section 4.6.2.6. on page 77). If no command is
issued, the signal returns to ‘0’ just before the
decoding of the next MPEG frame.
Table 2–2: Frame length in MPEG Layer 2/3
fs/kHz
Frame Length
Layer 2
Frame Length
Layer 3
48
24 ms
24 ms
44.1
26.12 ms
26.12 ms
32
36 ms
36 ms
24
24 ms
24 ms
22.05
26.12 ms
26.12 ms
16
36 ms
36 ms
12
not available
48 ms
11.025
not available
52.24 ms
8
not available
72 ms
Vh
Vl
tread
tframe = 24...72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com