Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 79 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 79 Page - Micronas

Back Button MAS3519F Datasheet HTML 75Page - Micronas MAS3519F Datasheet HTML 76Page - Micronas MAS3519F Datasheet HTML 77Page - Micronas MAS3519F Datasheet HTML 78Page - Micronas MAS3519F Datasheet HTML 79Page - Micronas MAS3519F Datasheet HTML 80Page - Micronas MAS3519F Datasheet HTML 81Page - Micronas MAS3519F Datasheet HTML 82Page - Micronas MAS3519F Datasheet HTML 83Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
79
4.6.2.7. PIO as Parallel Input Interface:
Program Download Mode
Handshake for PIO input in Program Download
Mode is accomplished through the RTR, PCS, and
PI12..PI19 signal lines (see Fig. 4–29). The PR line
should be set to low level.
The MAS 35x9F will drive RTR low as soon as it is
ready to receive a byte and RTR will stay low until one
byte has been written. Writing of a byte is performed
with a PCS pulse, driven by the microcontroller. The
MAS 35x9F reads data after the falling edge of PCS
and will finish the cycle by setting RTR to high level
after the rising edge of PCS. The next data transfer is
initialized by the MAS 35x9F by driving the RTR line.
Fig. 4–29: PIO program download mode timing
Table 4–11: PIO Program Download Mode timing
Symbol
Pin
Min.
Max.
Unit
t0
RTR, PCS
0
µs
t1
PCS
150
ns
t2
PCS, RTR
030
ns
t3
RTR
0.4
5
µs
t4
PI
50
ns
t5
PI
50
ns
RTW
PIxx
PCS
t3
t0
t1
t2
t4
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com