Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 43 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 43 Page - Micronas

Back Button MAS3519F Datasheet HTML 39Page - Micronas MAS3519F Datasheet HTML 40Page - Micronas MAS3519F Datasheet HTML 41Page - Micronas MAS3519F Datasheet HTML 42Page - Micronas MAS3519F Datasheet HTML 43Page - Micronas MAS3519F Datasheet HTML 44Page - Micronas MAS3519F Datasheet HTML 45Page - Micronas MAS3519F Datasheet HTML 46Page - Micronas MAS3519F Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
43
3.3.5. Ancillary Data
The memory fields D0:FD5...D0:ff1 contain the ancil-
lary data. It is organized in 28 words of 16 bit each.
The last ancillary bit of a frame is placed at bit 0 in
D0:FD5. The position of the first ancillary data bit
received can be located via the content of
NumberOfAncillaryBits because
int[(NumberOfAncillaryBits-1)/16] + 1
of memory words are used.
Example:
First get the content of ‘NumberOfAncillaryBits’
<DW 68 c4 00 00 01 0f d4>
<DW 69 <DR dd dd>
Assume that the MAS 35x9F has received 19 ancillary
data bits. Therefore, it is necessary to read two 16-bit
words:
<DW 68 c4 00
Short Read from D0
00 02 0f d5>
read 2 words starting at D0:fd5
<DW 69 <DR dd dd
dd dd>
receive the 2 16-bit words
The first bit received from the MPEG source is at posi-
tion 2 of D0:FD6; the last bit received is at the LSB of
D0:fd5.
3.3.6. Reading of the Memory Cells “Number of
Bits in Ancillary Data” and “Ancillary Data”
When in Broadcast Mode, reading of the cells “Num-
ber of Bits in Ancillary Data” and “Ancillary Data” will
lead to unpredictable results. These cells are
described in Table 3–11 on page 43.
The same applies to the “Number of Bits in Ancillary
Data” and “Ancillary Data” of the preliminary data
sheet MAS 3587F.
Table 3–12: Content of D0:fd5 after reception of 19 ancillary bits.
D0:fd5
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
Ancillary
Data
4th
bit
5th
bit
6th
bit
...
...
...
...
...
...
...
...
...
...
17th
bit
18th
bit
last
bit
Table 3–13: Content of D0:fd6 after reception of 19 ancillary bits.
D0:fd6
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
Ancillary
Data
xx
xx
xxx
xx
xx
xx
first
bit
2nd
bit
3rd
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com