Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 86 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 86 Page - Micronas

Back Button MAS3519F Datasheet HTML 82Page - Micronas MAS3519F Datasheet HTML 83Page - Micronas MAS3519F Datasheet HTML 84Page - Micronas MAS3519F Datasheet HTML 85Page - Micronas MAS3519F Datasheet HTML 86Page - Micronas MAS3519F Datasheet HTML 87Page - Micronas MAS3519F Datasheet HTML 88Page - Micronas MAS3519F Datasheet HTML 89Page - Micronas MAS3519F Datasheet HTML 90Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
MAS 35x9F
DATA SHEET
86
June 30, 2004; 6251-505-1DS
Micronas
4.6.5. Typical Performance Characteristics
Fig. 4–31: Efficiency vs. Load Current
Efficiency vs. Load Current
DCDC1 (VOUT =3.5 V)
Load Current (A)
100
80
60
40
20
0
10−4
10−3
10−2
10−1
VIN:
3.0 V
2.4 V
1.8 V
PFM
PWM
1
3.0 V
1.8 V
Efficiency vs. Load Current
DCDC1 (VOUT =3.0 V)
Load Current (A)
100
80
60
40
20
0
10−4
10−3
10−2
10−1
VIN:
2.4 V
1.5 V
1.2 V
PFM
PWM
1
0.9 V
0.9 V
2.4 V
Efficiency vs. Load Current
DCDC2 (VOUT =3.5 V)
Load Current (A)
100
80
60
40
20
0
10−4
10−3
10−2
10−1
VIN:
3.0 V
2.4 V
1.8 V
PFM
PWM
1
1.8 V
3.0 V
Efficiency vs. Load Current
DCDC2 (VOUT =3.0 V)
Load Current (A)
100
80
60
40
20
0
10−4
10−3
10−2
10−1
VIN:
2.4 V
1.5 V
1.2 V
PFM
PWM
1
0.9 V
0.9 V
2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com